|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
page : 1/1 p/n: VP2006B data sheet feature ieee 802.3 a f/ansi x3.263 compliant performance. 350ma current cap ability . designed for ip phone or switch applic ations. comp act footprint. the mold of fer auto m d ix cap ability . operating temperature range : 0 j to +70 j . s t orage temperature range: -25 j to +125 j . electrical s p ecification s @ 25c tu r n s r a t i o (5%) cross t a lk attenuati on (db min) part number t x r x 3 0 m h z 6 0 m h z 1 0 0 m h z hi-pot (v rms) vp200 6b 1ct : 1c t 1ct : 1c t -43 -37 -31 150 0 continue insertion loss (db max ) return loss (db min) dcmr (db min) t x /rx part number 1-10 0 m h z 1 - 3 0 m h z 4 0 m h z 50 m h z 60-8 0 mhz 30mhz 6 0 m h z 1 0 0 m h z vp200 6 b - 1 . 2 - 1 6 - 1 4 - 1 3 - 1 2 - 4 3 - 3 7 - 3 3 schematic mechanical bothhand usa.com
|
Price & Availability of VP2006B |